PART |
Description |
Maker |
AD736JRZ-R7 AD736JR-REEL7 AD736AQZ |
20A, 12 Vin, 1.2 Vout Step Down Converter Evaluation Module RMS TO DC CONVERTER, 0.005 MHz, PDSO8 Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8 RMS TO DC CONVERTER, 0.005 MHz, CDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
ZXSC400 ZXSC400E6TA |
LED DRIVER BOOST CONVERTER Multi Cell DC-DC Converter Controller
|
Diodes Incorporated Zetex Semiconductors
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
DC/DCTMV-1212S DC/DCTMV-1205S DC/DCTMV-2405D DC/DC |
DC/DC Converter 1Watt(41.50 k) 直流/直流转换瓦(41.50十一 DC/DC Converter 2-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
TRACO ELECTRONIC AG
|
BH2221FV |
Standard Linear LSIs > Tuning D/A converter 8bit 12ch D/A converter From old datasheet system
|
ROHM[Rohm]
|
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
HA16114P HA16114 HA16114FP HA16114FPJ HA16114PJ HA |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|